| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9533D/01 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9533D/01 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 24 page ![]() PCA9533_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 27 April 2009 5 of 24 NXP Semiconductors PCA9533 4-bit I2C-bus LED dimmer 6.2.1 Control register definition 6.3 Register descriptions 6.3.1 INPUT - Input register The INPUT register reflects the state of the device pins. Writes to this register will be acknowledged but will have no effect. Remark: The default value ‘X’ is determined by the externally applied logic level (normally logic 1) when used for directly driving LED with pull-up to VDD. 6.3.2 PCS0 - Frequency Prescaler 0 PSC0 is used to program the period of the PWM output. The period of BLINK0 = (PSC0 + 1) / 152. 6.3.3 PWM0 - Pulse Width Modulation 0 The PWM0 register determines the duty cycle of BLINK0. The outputs are LOW (LED on) when the count is less than the value in PWM0 and HIGH (LED off) when it is greater. If PWM0 is programmed with 00h, then the PWM0 output is always HIGH (LED off). The duty cycle of BLINK0 = PWM0 / 256. Table 4. Register summary B2 B1 B0 Symbol Access Description 0 0 0 INPUT read only input register 0 0 1 PSC0 read/write frequency prescaler 0 0 1 0 PWM0 read/write PWM register 0 0 1 1 PSC1 read/write frequency prescaler 1 1 0 0 PWM1 read/write PWM register 1 1 0 1 LS0 read/write LED selector Table 5. INPUT - Input register description Bit 7 6 5 4 3 2 1 0 Symbol ---- LED3 LED2 LED1 LED0 Default 0000 XXXX Table 6. PSC0 - Frequency Prescaler 0 register description Bit 7 6 5 4 3 2 1 0 Symbol PSC0[7] PSC0[6] PSC0[5] PSC0[4] PSC0[3] PSC0[2] PSC0[1] PSC0[0] Default 00000000 Table 7. PWM0 - Pulse Width Modulation 0 register description Bit 7 6 5 4 3 2 1 0 Symbol PWM0 [7] PWM0 [6] PWM0 [5] PWM0 [4] PWM0 [3] PWM0 [2] PWM0 [1] PWM0 [0] Default 10000000 |