công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9533D/01 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện PCA9533D/01
Giải thích chi tiết về linh kiện  4-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9533D/01 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  PCA9533D/01 Datasheet HTML 1Page - NXP Semiconductors PCA9533D/01 Datasheet HTML 2Page - NXP Semiconductors PCA9533D/01 Datasheet HTML 3Page - NXP Semiconductors PCA9533D/01 Datasheet HTML 4Page - NXP Semiconductors PCA9533D/01 Datasheet HTML 5Page - NXP Semiconductors PCA9533D/01 Datasheet HTML 6Page - NXP Semiconductors PCA9533D/01 Datasheet HTML 7Page - NXP Semiconductors PCA9533D/01 Datasheet HTML 8Page - NXP Semiconductors PCA9533D/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PCA9533_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2009
4 of 24
NXP Semiconductors
PCA9533
4-bit I2C-bus LED dimmer
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9533”.
6.1 Device address
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9533/01 is shown in Figure 4 and the address of
PCA9533/02 is shown in Figure 5.
The last bit of the address byte defines the operation to be performed. When set to logic 1
a read is selected, while a logic 0 selects a write operation.
6.2 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9533, which will be stored in the Control register.
The lowest 3 bits are used as a pointer to determine which register will be accessed.
If the Auto-Increment (AI) flag is set, the three low order bits of the Control register are
automatically incremented after a read or write. This allows the user to program the
registers sequentially. The contents of these bits will rollover to ‘000’ after the last register
is accessed.
When Auto-Increment flag is set (AI = 1) and a read sequence is initiated, the sequence
must start by reading a register different from the INPUT register (B2 B1 B0
≠ 0 0 0).
Only the 3 least significant bits are affected by the AI flag. Unused bits must be
programmed with zeroes.
SCL
6
serial clock line
SDA
7
serial data line
VDD
8
supply voltage
Table 3.
Pin description …continued
Symbol
Pin
Description
Fig 4.
PCA9533/01 slave address
Fig 5.
PCA9533/02 slave address
002aae627
1
1
0
0
0
1
0
R/W
slave address
002aae628
1
1
0
0
0
1
1
R/W
slave address
Reset state: 00h
Fig 6.
Control register
B0
002aad744
0
0
0
AI
0
B2
B1
register address
Auto-Increment
flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24