| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08DN60F1CLF bảng dữ liệu(PDF) 171 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DN60F1CLF bảng dữ liệu(HTML) 171 Page - Freescale Semiconductor, Inc |
|
171 / 356 page ![]() Chapter 10 Analog-to-Digital Converter (S08ADC12V1) MC9S08DN60 Series Data Sheet, Rev 3 Freescale Semiconductor 171 10.1.6 Features Features of the ADC module include: • Linear successive approximation algorithm with 12-bit resolution • Up to 28 analog inputs • Output formatted in 12-, 10-, or 8-bit right-justified unsigned format • Single or continuous conversion (automatic return to idle after single conversion) • Configurable sample time and conversion speed/power • Conversion complete flag and interrupt • Input clock selectable from up to four sources • Operation in wait or stop3 modes for lower noise operation • Asynchronous clock source for lower noise operation • Selectable asynchronous hardware conversion trigger • Automatic compare with interrupt for less-than, or greater-than or equal-to, programmable value • Temperature sensor 10.1.7 ADC Module Block Diagram Figure 10-2 provides a block diagram of the ADC module. |