| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08DN60F1CLF bảng dữ liệu(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DN60F1CLF bảng dữ liệu(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 356 page ![]() Chapter 4 Memory MC9S08DN60 Series Data Sheet, Rev 3 Freescale Semiconductor 53 NOTE The FCBEF flag will not set after launching the sector erase abort command. If an attempt is made to start a new command write sequence with a sector erase abort operation active, the FACCERR flag in the FSTAT register will be set. A new command write sequence may be started after clearing the ACCERR flag, if set. NOTE The sector erase abort command should be used sparingly since a sector erase operation that is aborted counts as a complete program/erase cycle. 4.5.6 Access Errors An access error occurs whenever the command execution protocol is violated. Any of the following specific actions will cause the access error flag (FACCERR) in FSTAT to be set. FACCERR must be cleared by writing a 1 to FACCERR in FSTAT before any command can be processed. • Writing to a Flash address before the internal Flash and EEPROM clock frequency has been set by writing to the FCDIV register. • Writing to a Flash address while FCBEF is not set. (A new command cannot be started until the command buffer is empty.) • Writing a second time to a Flash address before launching the previous command. (There is only one write to Flash for every command.) • Writing a second time to FCMD before launching the previous command. (There is only one write to FCMD for every command.) • Writing to any Flash control register other than FCMD after writing to a Flash address. • Writing any command code other than the six allowed codes (0x05, 0x20, 0x25, 0x40, 0x41, or 0x47) to FCMD. • Writing any Flash control register other than to write to FSTAT (to clear FCBEF and launch the command) after writing the command to FCMD. • The MCU enters stop mode while a program or erase command is in progress. (The command is aborted.) • Writing the byte program, burst program, sector erase or sector erase abort command code (0x20, 0x25, 0x40, or 0x47) with a background debug command while the MCU is secured. (The background debug controller can do blank check and mass erase commands only when the MCU is secure.) • Writing 0 to FCBEF to cancel a partial command. |