công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DN60F1CLF bảng dữ liệu(PDF) 81 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DN60F1CLF
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF bảng dữ liệu(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 356 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
81
An output pin can be selected to have high output drive strength by setting the corresponding bit in the
drive strength select register (PTxDSn). When high drive is selected, a pin is capable of sourcing and
sinking greater current. Even though every I/O pin can be selected as high drive, the user must ensure that
the total current source and sink limits for the MCU are not exceeded. Drive strength selection is intended
to affect the DC behavior of I/O pins. However, the AC behavior is also affected. High drive allows a pin
to drive a greater load with the same switching speed as a low drive enabled pin into a smaller load.
Because of this, the EMC emissions may be affected by enabling pins as high drive.
6.3
Pin Interrupts
Port A, port B, and port D pins can be configured as external interrupt inputs and as an external means of
waking the MCU from stop or wait low-power modes.
The block diagram for each port interrupt logic is shown Figure 6-2.
Figure 6-2. Port Interrupt Block Diagram
Writing to the PTxPSn bits in the port interrupt pin select register (PTxPS) independently enables or
disables each port pin. Each port can be configured as edge sensitive or edge and level sensitive based on
the PTxMOD bit in the port interrupt status and control register (PTxSC). Edge sensitivity can be software
programmed to be either falling or rising; the level can be either low or high. The polarity of the edge or
edge and level sensitivity is selected using the PTxESn bits in the port interrupt edge select register
(PTxES).
Synchronous logic is used to detect edges. Prior to detecting an edge, enabled port inputs must be at the
deasserted logic level. A falling edge is detected when an enabled port input signal is seen as a logic 1 (the
deasserted level) during one bus cycle and then a logic 0 (the asserted level) during the next cycle. A rising
edge is detected when the input signal is seen as a logic 0 during one bus cycle and then a logic 1 during
the next cycle.
6.3.1
Edge Only Sensitivity
A valid edge on an enabled port pin will set PTxIF in PTxSC. If PTxIE in PTxSC is set, an interrupt request
will be presented to the CPU. Clearing of PTxIF is accomplished by writing a 1 to PTxACK in PTxSC.
PTxESn
DQ
CK
CLR
VDD
PTxMOD
PTxIE
PORT
INTERRUPT FF
PTxACK
RESET
SYNCHRONIZER
PTxIF
STOP BYPASS
STOP
BUSCLK
PTxPSn
0
1
S
PTxPS0
0
1
S
PTxES0
PTxn
PTxn
PTx
INTERRUPT
REQUEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More