| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08DN60F1CLF bảng dữ liệu(PDF) 159 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08DN60F1CLF bảng dữ liệu(HTML) 159 Page - Freescale Semiconductor, Inc |
|
159 / 356 page ![]() Chapter 8 Multi-Purpose Clock Generator (S08MCGV1) MC9S08DN60 Series Data Sheet, Rev 3 Freescale Semiconductor 159 Figure 8-13. Trim Procedure In this particular case, the MCU has been attached to a PCB and the entire assembly is undergoing final test with automated test equipment. A separate signal or message is provided to the MCU operating under user provided software control. The MCU initiates a trim procedure as outlined in Figure 8-13 while the tester supplies a precision reference signal. If the intended bus frequency is near the maximum allowed for the device, it is recommended to trim using a reference divider value (RDIV setting) of twice the final value. After the trim procedure is complete, the reference divider can be restored. This will prevent accidental overshoot of the maximum clock frequency. Initial conditions: 1) Clock supplied from ATE has 500 μs duty period 2) MCG configured for internal reference with 8MHz bus START TRIM PROCEDURE CONTINUE CASE STATEMENT COUNT > EXPECTED = 500 . MEASURE INCOMING CLOCK WIDTH TRMVAL = $100 COUNT < EXPECTED = 500 COUNT = EXPECTED = 500 TRMVAL = TRMVAL = TRMVAL - 256/ (2**n) TRMVAL + 256/ (2**n) n = n + 1 (COUNT = # OF BUS CLOCKS / 8) (DECREASING TRMVAL INCREASES THE FREQUENCY) (INCREASING TRMVAL DECREASES THE FREQUENCY) NO YES IS n > 9? (RUNNING TOO SLOW) (RUNNING TOO FAST) n=1 STORE MCGTRM AND FTRIM VALUES IN NON-VOLATILE MEMORY |