| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPR083 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR083 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 56 page ![]() Introduction Blood Pressure Monitor Design Reference Manual, Rev. 0 Freescale Semiconductor 2-5 5. After it has installed, you will then be asked to install the COM device: 6. Click on Next. 7. Your system will then install the necessary DLL files. After they have been installed you will see a screen that says “Completing the Found New Hardware Wizard.” 8. After the hardware has been installed you will be able to use the SRB with the Blood Pressure Monitor Demo. NOTE Please note that you must install both USB component devices for each sensor reference board that you connect to your computer. Otherwise the PC will not be able to communicate with the SRB. 2.3.3 BPM Setup 1. Select the desired Flexis MCU and place it into the BPM reference design socket. Select MC9S08QE128 for down-ramp measurement or MCF51QE128 for up-ramp measurement. 2. Power on the BPM reference design. 3. Connect the USB connector to the BPM reference design. After it is connected, the PC will see that a new hardware device has been found and will ask you if you want to install its driver. |