| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPR083 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR083 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 56 page ![]() Introduction Blood Pressure Monitor Design Reference Manual, Rev. 0 Freescale Semiconductor 2-3 The next subsections contain the general steps needed to properly set up and run the BPM reference design. 2.3.1 SMAC GUI Setup Install the PC software, which enables the user to download data from the system onto a computer. Make sure that the user on the computer has administrative privileges to perform this installation. 1. First double-click on the Freescale SMAC GUI installer. This will open the installation screen. 2. Click on the Next button. Now you will see a window that shows the installation route where the GUI will be installed. Please note that you cannot change the destination folder for the program, but you can see how much space will be required by the installation and how much free space the system has. 3. Click on the Next button to continue.The system will now install the necessary files into your system. At the end of the installation you should see a window saying that the installation has been completed. 4. You will then be prompted to install the USBIO driver package. This package installs the USB drivers onto your computer. |