công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STMPE811QTR bảng dữ liệu(PDF) 48 Page - STMicroelectronics

tên linh kiện STMPE811QTR
Giải thích chi tiết về linh kiện  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR bảng dữ liệu(HTML) 48 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 44Page - STMicroelectronics STMPE811QTR Datasheet HTML 45Page - STMicroelectronics STMPE811QTR Datasheet HTML 46Page - STMicroelectronics STMPE811QTR Datasheet HTML 47Page - STMicroelectronics STMPE811QTR Datasheet HTML 48Page - STMicroelectronics STMPE811QTR Datasheet HTML 49Page - STMicroelectronics STMPE811QTR Datasheet HTML 50Page - STMicroelectronics STMPE811QTR Datasheet HTML 51Page - STMicroelectronics STMPE811QTR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Temperature sensor
STMPE811
48/64
Doc ID 14489 Rev 2
TEMP_DATA
Temperature data
Address:
0x61
Type:
R
Reset:
0x00
Description:
Temperature data access port
TEMP_TH
Temperature threshold
Address:
0x62
Type:
R/W
Reset:
0x00
Description:
Threshold for temperature controlled interrupt
11
10
9
8765
43
2
1
0
TEMPERATURE
[11:0] TEMPERATURE: Temperature reading
Absolute temperature
= ( VIO * temperature [11:0] ) / 7.51 (12-bit ADC)
= ( VIO * temperature [9:0] ) / 7.51 (10-bit ADC)
Note that VIO is used as a reference in temperature acquisition.
Variations in VIO will directly affect the accuracy of temperature acquired.
11
10
9
8765
43
2
1
0
TEMP_TH
[11:0] TEMP_TH: temperature threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64