công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STMPE811QTR bảng dữ liệu(PDF) 42 Page - STMicroelectronics

tên linh kiện STMPE811QTR
Giải thích chi tiết về linh kiện  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR bảng dữ liệu(HTML) 42 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 38Page - STMicroelectronics STMPE811QTR Datasheet HTML 39Page - STMicroelectronics STMPE811QTR Datasheet HTML 40Page - STMicroelectronics STMPE811QTR Datasheet HTML 41Page - STMicroelectronics STMPE811QTR Datasheet HTML 42Page - STMicroelectronics STMPE811QTR Datasheet HTML 43Page - STMicroelectronics STMPE811QTR Datasheet HTML 44Page - STMicroelectronics STMPE811QTR Datasheet HTML 45Page - STMicroelectronics STMPE811QTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Touch screen controller
STMPE811
42/64
Doc ID 14489 Rev 2
TSC_DATA_XYZ
Touch screen controller DATA
Address:
0x57 (auto-increment), 0xD7 (non-auto-increment)
Type:
R
Reset:
0x00
Description:
Data port for TSC data access
The data format from the TSC_DATA register depends on the setting of "OpMode" field in
TSC_CTRL register. The samples acquired are accessed in "packed samples". The size of
each "packed sample" depends on which mode the touch screen controller is operating in.
The TSC_DATA register can be accessed in 2 modes:
●
Autoincrement
●
Non autoincrement
To access the 128-sets buffer, the non autoincrement mode should be used.
76
543
2
1
0
DATA
[11:0] DATA: data bytes from TSC FIFO
Table 16.
Touch screen controller DATA register
TSC_CTRL in
operation
mode
Number of
bytes to read
from
TSC_DATA_XYZ
Byte0
Byte1
Byte2
Byte3
000
4
[11:4] of X
[3:0] of X
[11:8] of Y
[7:0] of Y
[7:0] of Z
001
3
[11:4] of X
[3:0] of X
[11:8] of Y
[7:0] of Y
−
010
2
[11:4] of X
[3:0] of X
−−
011
2
[11:4] of Y
[3:0] of Y
−−
100
1
[7:0] of Z
-
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com