| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBR130LSFT1G bảng dữ liệu(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
MBR130LSFT1G bảng dữ liệu(HTML) 49 Page - Analog Devices |
|
49 / 75 page ![]() ADSP-BF506F EZ-KIT Lite Evaluation System Manual 2-15 ADSP-BF506F EZ-KIT Lite Hardware Reference Reset LED (LED1) When LED1 is lit, it indicates that the master reset of all the major ICs is active. The reset signal is controlled by the Analog Devices ADM708 supervisory reset circuit. GPIO LEDs (LED2–4) Three LEDs connect to the three general-purpose I/O pins of the proces- sor (see Table 2-6). The LEDs are active high and lit by writing a “1” to the correct programmable flag signal. Power LED (LED5) When LED5 is lit solid, it indicates that power is being properly supplied to the board. Table 2-6. GPIO LEDs LED Reference Designator Processor Programmable Flag Pin LED2 PF0 LED3 PF1 LED4 PF2 |