| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBR130LSFT1G bảng dữ liệu(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
MBR130LSFT1G bảng dữ liệu(HTML) 33 Page - Analog Devices |
|
33 / 75 page ![]() ADSP-BF506F EZ-KIT Lite Evaluation System Manual 1-13 Using ADSP-BF506F EZ-KIT Lite using an oscilloscope, and the value of the resistor can be measured using a precision multi-meter. Once the voltage and resistance are measured, the current can be calculated by dividing the voltage by the resistance. For the highest accuracy, a differential probe should be used for measuring the voltage across the resistor. Example Programs Example programs are provided with the ADSP-BF506F EZ-KIT Lite to demonstrate various capabilities of the product. The programs are installed with the ADSP-BF506F special kit installation, on top of the VisualDSP++ 5.0 base kit or any VisualDSP++ and can be found in the <install_path>\Blackfin\Examples\ADSP-BF506F EZ-KIT Lite direc- tory. Refer to a readme file provided with each example for more information. Background Telemetry Channel The USB debug agent supports the background telemetry channel (BTC), which facilitates data exchange between VisualDSP++ and the processor without interrupting processor execution. The BTC allows you to view a variable as it is updated or changed, all while the processor continues to execute. For increased performance of the BTC, including faster reading and writing, please check our latest line of processor emulators at: http://www.analog.com/en/embedded-processing-dsp/black- fin/USB-EMULATOR/products/product.html . For more information about the BTC, see the online Help. |