công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM365ZCE21 bảng dữ liệu(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM365ZCE21
Giải thích chi tiết về linh kiện  Digital Media System-on-Chip (DMSoC)
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM365ZCE21 bảng dữ liệu(HTML) 55 Page - Texas Instruments

Back Button TMS320DM365ZCE21 Datasheet HTML 51Page - Texas Instruments TMS320DM365ZCE21 Datasheet HTML 52Page - Texas Instruments TMS320DM365ZCE21 Datasheet HTML 53Page - Texas Instruments TMS320DM365ZCE21 Datasheet HTML 54Page - Texas Instruments TMS320DM365ZCE21 Datasheet HTML 55Page - Texas Instruments TMS320DM365ZCE21 Datasheet HTML 56Page - Texas Instruments TMS320DM365ZCE21 Datasheet HTML 57Page - Texas Instruments TMS320DM365ZCE21 Datasheet HTML 58Page - Texas Instruments TMS320DM365ZCE21 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 211 page
background image
TMS320DM365
www.ti.com
SPRS457C – MARCH 2009 – REVISED APRIL 2010
3.3
Device Clocking
3.3.1
Overview
The device requires one primary reference clock. The reference clock frequency may be generated either
by crystal input or by external oscillator. The reference clock is the clock at the pins named MXI1/MXO1,
and which drives two separate PLL controllers (PLLC1 and PLLC2). PLLC1 generates the clocks required
by the ARM, EDMA, VPSS and the rest of the peripherals. PLL2 generates the clock required by the DDR
PHY interface and is also capable of providing clocks to the ARM, USB, Video, or Voice Codec modules
as well as a flexible clocking option. Figure 3-2 represents the clocking architecture for the ARM
subsystem. For more information on device clocking and the system PLL controller please see the
TMS320DM36x DMSoC ARM Subsystem Reference Guide (literature number SPRUFG5).
Copyright © 2009–2010, Texas Instruments Incorporated
Device Configurations
55
Submit Documentation Feedback
Product Folder Link(s): TMS320DM365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com