công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAM1707BZKB4 bảng dữ liệu(PDF) 47 Page - Texas Instruments

tên linh kiện PAM1707BZKB4
Giải thích chi tiết về linh kiện  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PAM1707BZKB4 bảng dữ liệu(HTML) 47 Page - Texas Instruments

Back Button PAM1707BZKB4 Datasheet HTML 43Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 44Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 45Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 46Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 47Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 48Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 49Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 50Page - Texas Instruments PAM1707BZKB4 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 155 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-7. AINTC System Interrupt Assignments
System Interrupt
Interrupt Name
Source
0
COMMTX
ARM
1
COMMRX
ARM
2
NINT
ARM
3
PRU_EVTOUT0
PRUSS Interrupt
4
PRU_EVTOUT1
PRUSS Interrupt
5
PRU_EVTOUT2
PRUSS Interrupt
6
PRU_EVTOUT3
PRUSS Interrupt
7
PRU_EVTOUT4
PRUSS Interrupt
8
PRU_EVTOUT5
PRUSS Interrupt
9
PRU_EVTOUT6
PRUSS Interrupt
10
PRU_EVTOUT7
PRUSS Interrupt
11
EDMA3_CC0_CCINT
EDMA CC Region 0
12
EDMA3_CC0_CCERRINT
EDMA CC
13
EDMA3_TC0_TCERRINT
EDMA TC0
14
EMIFA_INT
EMIFA
15
IIC0_INT
I2C0
16
MMCSD_INT0
MMCSD
17
MMCSD_INT1
MMCSD
18
PSC0_ALLINT
PSC0
19
-
Reserved
20
SPI0_INT
SPI0
21
T64P0_TINT12
Timer64P0 Interrupt 12
22
T64P0_TINT34
Timer64P0 Interrupt 34
23
T64P1_TINT12
Timer64P1 Interrupt 12
24
T64P1_TINT34
Timer64P1 Interrupt 34
25
UART0_INT
UART0
26
-
Reserved
27
PROTERR
SYSCFG Protection Shared Interrupt
28 - 31
-
Reserved
32
EDMA3_TC1_TCERRINT
EDMA TC1
33
EMAC_C0RXTHRESH
EMAC - Core 0 Receive Threshold Interrupt
34
EMAC_C0RX
EMAC - Core 0 Receive Interrupt
35
EMAC_C0TX
EMAC - Core 0 Transmit Interrupt
36
EMAC_C0MISC
EMAC - Core 0 Miscellaneous Interrupt
37
EMAC_C1RXTHRESH
EMAC - Core 1 Receive Threshold Interrupt
38
EMAC_C1RX
EMAC - Core 1 Receive Interrupt
39
EMAC_C1TX
EMAC - Core 1 Transmit Interrupt
40
EMAC_C1MISC
EMAC - Core 1 Miscellaneous Interrupt
41
EMIF_MEMERR
EMIFB
42
GPIO_B0INT
GPIO Bank 0 Interrupt
43
GPIO_B1INT
GPIO Bank 1 Interrupt
44
GPIO_B2INT
GPIO Bank 2 Interrupt
45
GPIO_B3INT
GPIO Bank 3 Interrupt
46
GPIO_B4INT
GPIO Bank 4 Interrupt
47
GPIO_B5INT
GPIO Bank 5 Interrupt
48
GPIO_B6INT
GPIO Bank 6 Interrupt
49
GPIO_B7INT
GPIO Bank 7 Interrupt
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
47
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More