công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HAL855 bảng dữ liệu(PDF) 28 Page - Micronas

tên linh kiện HAL855
Giải thích chi tiết về linh kiện  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 bảng dữ liệu(HTML) 28 Page - Micronas

Back Button HAL855 Datasheet HTML 24Page - Micronas HAL855 Datasheet HTML 25Page - Micronas HAL855 Datasheet HTML 26Page - Micronas HAL855 Datasheet HTML 27Page - Micronas HAL855 Datasheet HTML 28Page - Micronas HAL855 Datasheet HTML 29Page - Micronas HAL855 Datasheet HTML 30Page - Micronas HAL855 Datasheet HTML 31Page - Micronas HAL855 Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
HAL855
DATA SHEET
28
Nov. 26, 2008; DSH000149_003EN
Micronas
4.3. Measurement of a Biphase-M Output Signal
In order to read the Biphase-M signal Micronas sug-
gests to use a port interrupt which is configured to gen-
erate interrupts with both the falling and rising edge of
the incoming signal.
With each interrupt a timer shall be read out. The first
two edges (SYNC bit) define the bit time tp0. Compar-
ing subsequent timer readouts with tp0 successively
decodes the Biphase-M pattern.
4.4. Temperature Compensation
The relationship between the temperature coefficient
of the magnet and the corresponding TC and TCSQ
codes for linear compensation is given in the following
table. In addition to the linear change of the magnetic
field with temperature, the curvature can be adjusted
as well. For this purpose, other TC and TCSQ combi-
nations are required which are not shown in the table.
Micronas also offers a software named TC-Calc to
optimize the TC and TCSQ values for each individual
application based on customer measurement results.
Please contact Micronas for more detailed information.
Table 4–1: Temperature compensation
Typ. Temperature Coefficient
of Magnet (ppm/K)
TC
TCSQ
600
31
0
570
30
0
540
29
0
520
28
0
490
27
0
470
26
0
440
25
0
420
24
0
360
23
1
330
22
1
300
21
1
280
20
1
260
19
1
240
18
1
200
17
1
180
16
1
150
15
1
130
14
1
60
13
2
40
12
2
10
11
2
−20
10
2
−50
9
2
−70
8
2
−100
7
3
−180
6
3
−200
5
3
−230
4
3
−260
3
3
−280
2
4
−360
1
4
−390
0
4
−410
−31
4
−490
−30
5
−510
−29
5
−540
−28
5
−610
−27
6
−640
−26
6
−670
−25
6
−740
−24
7
−780
−23
7
−840
−22
8
−880
−21
8
−950
−20
9
−980
−19
9
−1010
−18
9
Table 4–1: Temperature compensation, continued
Typ. Temperature Coefficient
of Magnet (ppm/K)
TC
TCSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com