công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS8027G bảng dữ liệu(PDF) 5 Page - Silicon Standard Corp.

tên linh kiện SS8027G
Giải thích chi tiết về linh kiện  3.3V 1A Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SSC [Silicon Standard Corp.]
Trang chủ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027G bảng dữ liệu(HTML) 5 Page - Silicon Standard Corp.

  SS8027G Datasheet HTML 1Page - Silicon Standard Corp. SS8027G Datasheet HTML 2Page - Silicon Standard Corp. SS8027G Datasheet HTML 3Page - Silicon Standard Corp. SS8027G Datasheet HTML 4Page - Silicon Standard Corp. SS8027G Datasheet HTML 5Page - Silicon Standard Corp. SS8027G Datasheet HTML 6Page - Silicon Standard Corp. SS8027G Datasheet HTML 7Page - Silicon Standard Corp. SS8027G Datasheet HTML 8Page - Silicon Standard Corp. SS8027G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.SiliconStandard.com
5 of 10
5/26/2005 Rev.2.2
SS8027G
Typical Performance Characteristics (continued)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input-Output Voltage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
1oz Copper on SOT 223
Package Mounted on
recommended mimimum
footprint (R£cJA=156°C/W)
Maximum recommended output current TA=25°C,Still Air
Note: VIN(max) <= 6.5V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T
A (°C)
Still Air
1oz Copper on SOT 223
Package Mounted on
recommend mimimum
footprint (R£cJA=156°C/W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T
A (°C)
Still Air
1oz Copper on TO 252
Package Mounted on
recommend mimimum
footprint (R£cJA=125°C/W)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input-Output Voltaage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
1oz Copper on TO 263
Package Mounted on
recommended mimimum
footprint (R£cJA=75°C/W)
Maximum recommended output current TA=25°C,Still Air
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature T A (¢J
)
Still Air
1oz Copper on TO 263
Package Mounted on
recommend mimimum
footprint (R£cJA=75°C/W)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Input-Output Voltaage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
Maximum recommended output current
TA=25°C,Still Air
1oz Copper on TO 252
Package Mounted on
recommended
mimimum footprint
(R£cJA=125°C/W)
Note: VIN(max) <= 6.5V
Safe Operating Area of SOT 223
Maximum Power Dissipation of SOT 223
Safe Operating Area of TO 252
Maximum Power Dissipation of TO 252
Maximum Power Dissipation of TO 263
Safe Operating Area of TO 263
Note: VIN(max) <= 6.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com