công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8141 bảng dữ liệu(PDF) 15 Page - Wolfson Microelectronics plc

tên linh kiện WM8141
Giải thích chi tiết về linh kiện  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 bảng dữ liệu(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8141 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Production Data
WM8141
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
15
OUTPUT FORMATS
The digital data output from the ADC is available to the user in either 12-bit parallel or 8/6/4-bit wide
multiplexed formats by setting control bits MUXOP[1:0]. Latency of valid output data with respect to
VSMP is programmable by writing to control bits DEL[1:0]. The latency for each mode is shown in the
Mode Timing Diagrams section.
Figure 10 shows the output data formats for Modes 1 – 2 and 4 – 6. Figure 11 shows the output data
formats for Mode 3. Table 1 summarises the output data obtained for each format.
MCLK
4+4+4-BIT
OUTPUT
A
AB
AB
C
F
12-BIT PARALLEL
OUTPUT
8+4 AND 6+6-BIT
OUTPUT
MCLK
4+4+4-BIT
OUTPUT
A
AB
12-BIT PARALLEL
OUTPUT
8+4 AND 6+6-BIT
OUTPUT
AB
C F
AB
Figure 10 Output Data Formats
(Modes 1
− 2, 4 − 6)
Figure 11 Output Data Formats (Mode 3)
OUTPUT
FORMAT
MUXOP[1:0]
OUTPUT
PINS
OUTPUT
12-bit parallel
00
OP[11:0]
A = d11, d10, d9, d8, d7, d6, d5, d4, d3, d2, d1, d0
8+4-bit
multiplexed
01
OP[11:4]
A = d11, d10, d9, d8, d7, d6, d5, d4
B = d3, d2, d1, d0, PNS, CC[1], CC[0], OVRNG
6+6-bit
multiplexed
10
OP[11:4]
A = d11, d10, d9, d8, d7, d6, CC[1], CC[0]
B = d5, d4, d3, d2, d1, d0, PNS, OVRNG
4+4+4-bit
multiplexed
(nibble)
11
OP[11:8]
A = d11, d10, d9, d8
B = d7, d6, d5, d4
C = d3, d2, d1, d0
F = PNS, CC[1], CC[0], OVRNG
Table 1 Details of Output Data Shown in Figures 9 and 10
FLAGS
The following flags are output during multiplexed modes:
PNS indicates whether the control interface is operating in parallel or serial, 1 = parallel, 0 = serial.
CC[1] and CC[0] indicate from which input the current output was sampled:
INPUT
CC[1]
CC[0]
RINP
00
GINP
01
BINP
10
Table 2 Input Sampled Flags CC[1:0]
OVRNG indicates that the current output data was produced by an input signal that exceeded the
input range limit of the device. 1 = out of range, 0 = within range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com