công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NX2124 bảng dữ liệu(PDF) 4 Page - Microsemi Corporation

tên linh kiện NX2124
Giải thích chi tiết về linh kiện  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2124 bảng dữ liệu(HTML) 4 Page - Microsemi Corporation

  NX2124 Datasheet HTML 1Page - Microsemi Corporation NX2124 Datasheet HTML 2Page - Microsemi Corporation NX2124 Datasheet HTML 3Page - Microsemi Corporation NX2124 Datasheet HTML 4Page - Microsemi Corporation NX2124 Datasheet HTML 5Page - Microsemi Corporation NX2124 Datasheet HTML 6Page - Microsemi Corporation NX2124 Datasheet HTML 7Page - Microsemi Corporation NX2124 Datasheet HTML 8Page - Microsemi Corporation NX2124 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NX2124/2124A
4
Rev.1.8
02/28/08
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
This pin supplies voltage to the high side driver. A high frequency
ceramic capacitor of 0.1 to 1 uF must be connected from this pin to SW pin.
High side MOSFET gate driver.
Ground pin.
Low side MOSFET gate driver. For the high current application, a 4.7nF capaci-
tor is recommended to be placed on low side MOSFET's gate to ground. This is
to prevent undesired Cdv/dt induced low side MOSFET's turn on to happen,
which is caused by fast voltage change on the drain of low side MOSFET in
synchronous buck converter and lower the system efficiency.
Voltage supply for the internal circuit as well as the low side MOSFET gate
driver. A 1uF high frequency ceramic capacitor must be connected from this pin
to GND pin.
This pin is the error amplifier inverting input. This pin is also connected to the
output UVLO comparator. When this pin falls below 0.56V, both HDRV and
LDRV outputs are in hiccup.
This pin is the output of the error amplifier and together with FB pin is used to
compensate the voltage control feedback loop. This pin is also used as a shut
down pin. When this pin is pulled below 0.3V, both drivers are turned off and
internal soft start is reset.
This pin is connected to the source of the high side MOSFET and provides
return path for the high side driver. Also SW senses the low side MOSFETS
current, when the pin voltage is lower than 360mV for NX2124, 540mV for NX2124A,
hiccup will be triggered.
1
BST
2
HDRV
3
GND
4
LDRV
5
Vcc
6
FB
7
COMP
8
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com