| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLEGF1100C bảng dữ liệu(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLEGF1100C bảng dữ liệu(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 10 page ![]() TL(BF,EGF)1100C(T11) 2010-01-26 9 5. Packing display (1) Packing quantity Reel 2,000 pcs Carton 10,000 pcs (2) Packing form: Each reel is sealed in an aluminum pack with silica gel. 6. Label format (1) Example: TLBF1100C (T11) P/N: TOSHIBA TYPE TLBF1100C ADDC (T11) Q’TY 2,000 pcs Lot Number Key code for TSB 32C 2000 (RANK SYMBOL) Use under 5-30degC/60%RH within 4weeks SEALED [[G]]/RoHS COMPATIBLE DIFFUSED IN ***** *Y380xxxxxxxxxxxxxxxxxx* ASSEMBLED IN ***** (2) Label location Tape feel direction Label position Label position • Reel • Carton • The aluminum package in which the reel is supplied also has the label attached to center of one side. |