công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMT112R7AFP8C bảng dữ liệu(PDF) 3 Page - Hynix Semiconductor

tên linh kiện HMT112R7AFP8C
Giải thích chi tiết về linh kiện  DDR3 SDRAM Registered DIMM Based on 1Gb A version
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112R7AFP8C bảng dữ liệu(HTML) 3 Page - Hynix Semiconductor

  HMT112R7AFP8C Datasheet HTML 1Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 2Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 3Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 4Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 5Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 6Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 7Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 8Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Rev. 0.4 / Jul. 2009
3
Table of Contents
1. Description
1.1 Device Features and Ordering Information
1.1.1 Features
1.1.2 Ordering Information
1.2 Key Parameters
1.3 Speed Grade
1.4 Address Table
2. Pin Architecture
2.1 Pin Definition
2.2 Input/Output Functional Description
2.3 Pin Assignment
3. Functional Block Diagram
3.1 1GB, 128Mx72 Module(1Rank of x8)
3.2 2GB, 256Mx72 Module(2Rank of x8)
3.3 2GB, 256Mx72 Module(1Rank of x4)
3.4 4GB, 512Mx72 Module(2Rank of x4)
3.5 4GB, 512Mx72 Module(4Rank of x8)
3.6 8GB,
1Gx72 Module(4Rank of x4)
4. Environment Parameter
5. Input/Output Capacitance & AC Parametrics
6. IDD Specifications
7. DIMM Outline Diagram
7.1 1GB, 128Mx72 Module(1Rank of x8)
7.2 2GB, 256Mx72 Module(2Rank of x8)
7.3 2GB, 256Mx72 Module(1Rank of x4)
7.4 4GB, 512Mx72 Module(2Rank of x4)
7.5 4GB, 512Mx72 Module(4Rank of x8)
7.6 8GB,
1Gx72 Module(4Rank of x4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41