công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8533U/2/F2 bảng dữ liệu(PDF) 44 Page - NXP Semiconductors

tên linh kiện PCF8533U/2/F2
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 bảng dữ liệu(HTML) 44 Page - NXP Semiconductors

Back Button PCF8533U/2/F2 Datasheet HTML 37Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 38Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 39Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 40Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 41Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 42Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 43Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 44Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
44 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
product for such automotive applications, use and specifications, and (b)
whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
Bare die — All die are tested on compliance with their related technical
specifications as stated in this data sheet up to the point of wafer sawing and
are handled in accordance with the NXP Semiconductors storage and
transportation conditions. If there are data sheet limits not guaranteed, these
will be separately indicated in the data sheet. There are no post-packing tests
performed on individual die or wafers.
NXP Semiconductors has no control of third party procedures in the sawing,
handling, packing or assembly of the die. Accordingly, NXP Semiconductors
assumes no liability for device functionality or performance of the die or
systems after third party sawing, handling, packing or assembly of the die. It
is the responsibility of the customer to test and qualify their application in
which the die is used.
All die sales are conditioned upon and subject to the customer entering into a
written die sale agreement with NXP Semiconductors through its legal
department.
21.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
I2C-bus — logo is a trademark of NXP B.V.
22. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45