| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8533U/2/F2 bảng dữ liệu(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533U/2/F2 bảng dữ liệu(HTML) 33 Page - NXP Semiconductors |
|
33 / 45 page ![]() PCF8533_4 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 5 March 2010 33 of 45 NXP Semiconductors PCF8533 Universal LCD driver for low multiplex rates The contact resistance between the SYNC pins of cascaded devices must be controlled. If the resistance is too high then the device will not be able to synchronize properly. This is particularly applicable to COG applications. Table 19 shows the limiting values for contact resistance. Fig 23. Synchronization of the cascade for the various PCF8533 drive modes Table 19. SYNC contact resistance Number of devices Maximum contact resistance 2 6000 Ω 3 to 5 2200 Ω 6 to 10 1200 Ω 11 to 16 700 Ω Tfr = f fr 1 BP0 SYNC BP0 (1/2 bias) SYNC BP0 (1/3 bias) (a) static drive mode. (b) 1:2 multiplex drive mode. (c) 1:3 multiplex drive mode. (d) 1:4 multiplex drive mode. BP0 (1/3 bias) SYNC SYNC BP0 (1/3 bias) mgl755 |