công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F100C4 bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện STM32F100C4
Giải thích chi tiết về linh kiện  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C4 bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button STM32F100C4 Datasheet HTML 21Page - STMicroelectronics STM32F100C4 Datasheet HTML 22Page - STMicroelectronics STM32F100C4 Datasheet HTML 23Page - STMicroelectronics STM32F100C4 Datasheet HTML 24Page - STMicroelectronics STM32F100C4 Datasheet HTML 25Page - STMicroelectronics STM32F100C4 Datasheet HTML 26Page - STMicroelectronics STM32F100C4 Datasheet HTML 27Page - STMicroelectronics STM32F100C4 Datasheet HTML 28Page - STMicroelectronics STM32F100C4 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
Pinouts and pin description
Doc ID 16455 Rev 2
25/84
Figure 6.
STM32F100xx value line TFBGA64 ballout
AI15494
PB2
PC14-
OSC32_IN
PA7
PA4
PA2
PA15
PB11
PB1
PA6
PA3
H
PB10
PC5
PC4
D
PA8
PA9
BOOT0
PB8
C
PC9
PA11
PB6
PC12
VDDA
PB9
B
PA12
PC10
PC15-
OSC32_OUT
PB3
PD2
A
8
7
6
5
4
3
2
1
VSS_4
OSC_IN
OSC_OUT
VDD_4
G
F
E
PC2
VREF+
PC13-
TAMPER-RTC
PB4
PA13
PA14
PB7
PB5
VSS_3
PC7
PC8
PC0
NRST
PC1
PB0
PA5
PB14
VDD_2
VDD_3
PB13
VBAT
PC11
PA10
VSS_2
VSS_1
PC6
VSSA
PA1
VDD_1
PB15
PB12
PA0-WKUP
Table 4.
STM32F100xx pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)(4)
Default
Remap
1
-
-
-
PE2
I/O FT
PE2
TRACECLK
2
-
-
-
PE3
I/O FT
PE3
TRACED0
3
-
-
-
PE4
I/O FT
PE4
TRACED1
4
-
-
-
PE5
I/O FT
PE5
TRACED2
5
-
-
-
PE6
I/O FT
PE6
TRACED3
61
B2
1
VBAT
SVBAT
72
A2
2
PC13-TAMPER-
RTC(5)
I/O
PC13(6)
TAMPER-RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84