| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC3604 bảng dữ liệu(PDF) 24 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3604 bảng dữ liệu(HTML) 24 Page - Linear Technology |
|
24 / 24 page ![]() LTC3604 24 3604f Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com © LINEAR TECHNOLOGY CORPORATION 2010 LT 0110 • PRINTED IN USA RELATED PARTS PART NUMBER DESCRIPTION COMMENTS LTC3603 15V, 2.5A (IOUT), 3MHz, Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75μA, ISD < 1μA, 4mm × 4mm QFN20 LTC3602 10V, 2.5A (IOUT), 3MHz, Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 4.5V to 10V, VOUT(MIN) = 0.6V, IQ = 75μA, ISD < 1μA, 4mm × 4mm QFN20, TSSOP16E LTC3601 15V, 1.5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter 96% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0.6V, IQ = 300μA, ISD < 15μA, 3mm × 3mm QFN16, MSE16 LTC3605 15V, 5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15μA, 4mm × 4mm QFN24 LTC3610 24V, 12A (IOUT), 1MHz, Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 4V to 24V, VOUT(MIN) = 0.6V, IQ = 900μA, ISD < 15μA, 9mm × 9mm QFN64 LTC3611 32V, 10A (IOUT), 1MHz, Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 4V to 32V, VOUT(MIN) = 0.6V, IQ = 900μA, ISD < 15μA, 9mm × 9mm QFN64 TYPICAL APPLICATION 1.2V Output at 2MHz Operating Frequency VIN RUN PGOOD TRACK/SS LTC3604 PGND SGND INTVCC ITH RT MODE/SYNC BOOST SW VON FB 0.1μF COUT 47μF VOUT 1.2V 2.5A R1 20k CF 22pF R2 20k 3604 TA04a L1 0.68μH C2 2.2μF C1 22μF VIN CIN: TDK C3225X5R1C226M COUT: TDK C3225X5R0J476M L1: VISHAY IHLP2020BZERR68M01 Efficiency vs Load Current LOAD CURRENT (A) 0.01 40 50 60 70 80 0.1 1 10 3604 TA04b 30 20 10 0 90 100 VIN = 8V VIN = 15V |