| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC3604 bảng dữ liệu(PDF) 16 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3604 bảng dữ liệu(HTML) 16 Page - Linear Technology |
|
16 / 24 page ![]() LTC3604 16 3604f Each time a power MOSFET gate is switched from low to high to low again, a packet of charge dQ moves from VIN to ground. The resulting dQ/dt is a current out of INTVCC that is typically much larger than the DC control bias current. In continuous mode, IGATECHG = f(QT + QB), where QT and QB are the gate charges of the internal top and bottom power MOSFETs and f is the switching frequency. For estimation purposes, (QT + QB) on the LTC3604 is approximately 1nC. To calculate the total power loss from the LDO load, simply add the gate charge current and quiescent cur- rent and multiply by VIN: PLDO = (IGATECHG + IQ) • VIN 3. Other “hidden” losses such as transition loss, cop- per trace resistances, and internal load currents can account for additional efficiency degradations in the overall power system. Transition loss arises from the brief amount of time the top power MOSFET spends in the saturated region during switch node transitions. The LTC3604 internal power devices switch quickly enough that these losses are not significant compared to other sources. Other losses, including diode conduction losses during dead time and inductor core losses, generally account for less than 2% total additional loss. Thermal Considerations The LTC3604 requires the exposed package backplane metal (PGND pin on the QFN, SGND pin on the MSOP package) to be well soldered to the PC board to provide good thermal contact. This gives the QFN and MSOP packages exceptional thermal properties, compared to other packages of similar size, making it difficult in normal operation to exceed the maximum junction temperature of the part. In many applications, the LTC3604 does not dissipate much heat due to its high efficiency and low thermal resistance package backplane. However, in applica- tions in which the LTC3604 is running at a high ambient temperature, high input voltage, high switching frequency, and maximum output current, the heat dissipated may exceed the maximum junction temperature of the part. If the junction temperature reaches approximately 150°C, APPLICATIONS INFORMATION both power switches will be turned off until temperature decreases approximately 10°C. Thermal analysis should always be performed by the user to ensure the LTC3604 does not exceed the maximum junction temperature. The temperature rise is given by: TRISE = PDθJA where PD is the power dissipated by the regulator and θJA is the thermal resistance from the junction of the die to the ambient temperature. Consider the example in which an LTC3604EUD is operat- ing with IOUT = 2.5A, VIN = 12V, f = 1MHz, VOUT = 1.8V, and an ambient temperature of 25°C. From the Typical Performance Characteristics section the RDS(ON) of the top switch is found to be nominally 130mΩ while that of the bottom switch is nominally 100mΩ yielding an equivalent power MOSFET resistance RSW of: RDS(ON)TOP • 1.8/12 + RDS(ON)BOT • 10.2/12 = 105mΩ. From the previous section, IGATECHG is ~1mA when f = 1MHz, and the spec table lists the maximum IQ to be 1mA. Therefore, the total power dissipation due to resistive losses and LDO losses is: PD = IOUT2 • RSW + VIN • (IGATECHG + IQ) PD = (2.5A)2 • (0.105Ω) + 12V • 2mA = 680mW The QFN 3mm ×3mmpackagejunction-to-ambientthermal resistance, θJA, is around 45°C/W. Therefore, the junction temperature of the regulator operating in a 25°C ambient temperature is approximately: TJ = 0.680W • 45°C/W + 25°C = 56°C Remembering that the above junction temperature is obtained from an RDS(ON) at 25°C, we might recalculate the junction temperature based on a higher RDS(ON) since it increaseswithtemperature.Redoingthecalculationassum- ing that RSW increased 15% at 56°C yields a new junction temperature of 66°C. If the application calls for a signifi- cantly higher ambient temperature and/or higher switching frequency, care should be taken to reduce the temperature rise of the part by using a heat sink or air flow. |