| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MICROSDHC bảng dữ liệu(PDF) 20 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
MICROSDHC bảng dữ liệu(HTML) 20 Page - Transcend Information. Inc. |
|
20 / 25 page ![]() m m miiic c cr rro o oS S SD D DH H HC C C C C Ca a ar rrd d d s s se e er rriiie e es s s High Capacity microSD Card Transcend Information Inc. 20 0x404. 6. SCR Register In addition to the CSD register there is another configuration register that named - SD CARD Configuration Register (SCR). SCR provides information on SD Memory Card's special features that were configured into the given card. The size of SCR register is 64 bit. This register shall be set in the factory by the SD Memory Card manufacturer. The following table describes the SCR register content. • SCR_STRUCTURE Version number of the related SCR structure in the SD Memory Card Physical Layer Specification. SCR Register Structure Version • SD_SPEC Describes the SD Memory Card Physical Layer Specification version supported by this card. SD_SPEC Physical Layer Specification Version Number 0 Version 1.0-1.01 1 Version 1.10 2 Version 2.00 3-15 reserved Physical Layer Specification Version • DATA_STAT_AFTER_ERASE |