công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES51925 bảng dữ liệu(PDF) 1 Page - Cyrustek corporation

tên linh kiện ES51925
Giải thích chi tiết về linh kiện  3000 Counts Smart DMM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYRUSTEK [Cyrustek corporation]
Trang chủ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51925 bảng dữ liệu(HTML) 1 Page - Cyrustek corporation

  ES51925 Datasheet HTML 1Page - Cyrustek corporation ES51925 Datasheet HTML 2Page - Cyrustek corporation ES51925 Datasheet HTML 3Page - Cyrustek corporation ES51925 Datasheet HTML 4Page - Cyrustek corporation ES51925 Datasheet HTML 5Page - Cyrustek corporation ES51925 Datasheet HTML 6Page - Cyrustek corporation ES51925 Datasheet HTML 7Page - Cyrustek corporation ES51925 Datasheet HTML 8Page - Cyrustek corporation ES51925 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Ver 2.7
1
07/10/03
ES51925
3000 Counts Smart DMM
Features
3000 counts LCD display
3V DC power supply
Conversion rate: 4 times/s (voltage mode)
Full automatic measurement:
*Voltage/Current: AC/DC auto scanning
& auto range: 3.000V~1000V
*Resistance/Diode/Capacitance(RDC scan)
Auto scanning & auto range:
Resistance: 300.0Ω~3.000MΩ
Capacitance: 3.000nF~300.0uF
Push functions
Function selection by single key
Range change function
Hold function
VAHZ function
Back light function
Support non-contact voltage detection
High voltage (> 30V) indication of LCD
display for voltage measurement
Built-in HCF(high crest factor detection)
function in AC mode
OL level selection (600V/1000V/1500V)
Band-gap reference voltage output
Auto power off (3min. or 10min.) & re-
power on
Sleep output indication
On-chip buzzer driver
Low battery detection
Application
Smart digital multi-meter
Smart clamp meter
General description
ES51925 is an integrated ADC with 3000 counts
LCD display driver. It could support fully
automatic DMM function measurement. In
voltage or current mode, the AC or DC signals
auto scanning. In R/D/C (passive component)
mode,
resistance
(including
continuity),
capacitance or diode measurements are allowed
by fully automatic detection. A single key and
simple switch could select all measurements.
Expensive and bulky mechanical range switches
are not required. A non-contact electric field
detector (EF mode) is built-in for ac voltage
measurement also. Other features including
range control, data hold, VAHz and back light
function are available. For power saving, an auto
power off & re-power on scheme are built-in. A
sleep output is the indication of entering auto
power off mode.


Số phần tương tự - ES51925

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925 Datasheet
405Kb / 22P
3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
3000 Counts Smart DMM
More results

Mô tả tương tự - ES51925

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cyrustek corporation
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
3000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
6000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926_10 Datasheet
412Kb / 22P
3000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com