| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM9161 bảng dữ liệu(PDF) 1 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9161 bảng dữ liệu(HTML) 1 Page - Davicom Semiconductor, Inc. |
|
1 / 50 page ![]() DM9161 10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver Final 1 Version: DM9161-DS-F05 September 10, 2008 1. General Description The DM9161 is a physical layer, single-chip, and low power transceiver for 100BASE-TX 100BASE-FX and 10BASE-T operations. On the media side, it provides a direct interface either to Unshielded Twisted Pair Category 5 Cable (UTP5) for 100BASE-TX Fast Ethernet, or UTP5/UTP3 Cable for 10BASE-T Ethernet. Through the Media Independent Interface (MII), the DM9161 connects to the Medium Access Control (MAC) layer, ensuring a high inter-operability from different vendors. The DM9161 uses a low power and high performance CMOS process. It contains the entire physical layer functions of 100BASE-TX as defined by IEEE802.3u, including the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA), Twisted Pair Physical Medium Dependent Sublayer (TP-PMD), 10BASE-TX Encoder/Decoder (ENC/DEC), and Twisted Pair Media Access Unit (TPMAU). The DM9161 provides a strong support for the auto-negotiation function, utilizing automatic media speed and protocol selection. Furthermore, due to the built-in wave-shaping filter, the DM9161 needs no external filter to transport signals to the media in 100BASE-TX or 10BASE-T Ethernet operation. 2. Block Diagram MII Management Control Biasing/ Power Block Clock Circuit Block 100Base-TX Transceiver 100Base-FX PECL Interface LED Driver MII/RMII/ GPSI Interface MII Register 100Base- TX PCS 10Base-T TX/RX Module Auto-Negotiation |
Số phần tương tự - DM9161_08 |
|
Mô tả tương tự - DM9161_08 |