công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F615-E/MF bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện PIC12F615-E/MF
Giải thích chi tiết về linh kiện  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MF bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button PIC12F615-E/MF Datasheet HTML 7Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 8Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 9Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 10Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 11Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 12Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 13Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 14Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 11
PIC12F609/615/617/12HV609/615
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC12F609/615/617/12HV609/615 has a 13-bit
program counter capable of addressing an 8K x 14
program memory space. Only the first 1K x 14 (0000h-
03FFh)
for
the
PIC12F609/615/12HV609/615
is
physically implemented. For the PIC12F617, the first
2K x 14 (0000h-07FFh) is physically implemented.
Accessing a location above these boundaries will
cause a wrap-around within the first 1K x 14 space for
PIC12F609/615/12HV609/615 devices, and within the
first 2K x 14 space for the PIC12F617 device. The
Reset vector is at 0000h and the interrupt vector is at
0004h (see Figure 2-1).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC12F609/615/12HV609/615
FIGURE 2-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC12F617
2.2
Data Memory Organization
The data memory (see Figure 2-3) is partitioned into two
banks, which contain the General Purpose Registers
(GPR) and the Special Function Registers (SFR). The
Special Function Registers are located in the first 32
locations of each bank. Register locations 40h-7Fh in
Bank 0 are General Purpose Registers, implemented as
static RAM. For the PIC12F617, the register locations
20h-7Fh in Bank 0 and A0h-EFh in Bank 1 are general
purpose registers implemented as Static RAM. Register
locations F0h-FFh in Bank 1 point to addresses 70h-7Fh
in Bank 0. All other RAM is unimplemented and returns
‘0’ when read. The RP0 bit of the STATUS register is the
bank select bit.
RP0
0
 Bank 0 is selected
1
 Bank 1 is selected
PC<12:0>
13
0000h
0004h
0005h
03FFh
0400h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Wraps to 0000h-03FFh
Note:
The IRP and RP1 bits of the STATUS
register are reserved and should always be
maintained as ‘0’s.
PC<12:0>
13
0000h
0004h
0005h
07FFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Page 0
On-Chip
Program
Memory
Wraps to 0000h-07FFh
0800h
1FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com