công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F615-E/MF bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện PIC12F615-E/MF
Giải thích chi tiết về linh kiện  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MF bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button PIC12F615-E/MF Datasheet HTML 23Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 24Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 25Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 26Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 27Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 28Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 29Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 30Page - Microchip Technology PIC12F615-E/MF Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 27
PIC12F609/615/617/12HV609/615
3.0
FLASH PROGRAM MEMORY
SELF READ/SELF WRITE
CONTROL (FOR PIC12F617
ONLY)
The Flash program memory is readable and writable
during normal operation (full VDD range). This memory
is not directly mapped in the register file space.
Instead, it is indirectly addressed through the Special
Function Registers (see Registers 3-1 to 3-5). There
are six SFRs used to read and write this memory:
•PMCON1
•PMCON2
•PMDATL
•PMDATH
• PMADRL
• PMADRH
When interfacing the program memory block, the
PMDATL and PMDATH registers form a two-byte word
which holds the 14-bit data for read/write, and the
PMADRL and PMADRH registers form a two-byte
word which holds the 13-bit address of the Flash loca-
tion being accessed. These devices have 2K words of
program Flash with an address range from 0000h to
07FFh.
The program memory allows single word read and a
by four word write. A four word write automatically
erases the row of the location and writes the new data
(erase before write).
The write time is controlled by an on-chip timer. The
write/erase voltages are generated by an on-chip
charge pump rated to operate over the voltage range
of the device for byte or word operations.
When the device is code-protected, the CPU may
continue to read and write the Flash program memory.
Depending on the settings of the Flash Program
Memory Enable (WRT<1:0>) bits, the device may or
may not be able to write certain blocks of the program
memory, however, reads of the program memory are
allowed.
When the Flash program memory Code Protection
(CP) bit in the Configuration Word register is enabled,
the program memory is code-protected, and the
device programmer (ICSP™) cannot access data or
program memory.
3.1
PMADRH and PMADRL Registers
The PMADRH and PMADRL registers can address up
to a maximum of 8K words of program memory.
When selecting a program address value, the Most
Significant Byte (MSB) of the address is written to the
PMADRH register and the Least Significant Byte
(LSB) is written to the PMADRL register.
3.2
PMCON1 and PMCON2 Registers
PMCON1 is the control register for the data program
memory accesses.
Control bits RD and WR initiate read and write,
respectively. These bits cannot be cleared, only set in
software. They are cleared in hardware at completion
of the read or write operation. The inability to clear the
WR bit in software prevents the accidental premature
termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear.
PMCON2 is not a physical register. Reading PMCON2
will read all ‘0’s. The PMCON2 register is used
exclusively in the Flash memory write sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com