| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS8218 bảng dữ liệu(PDF) 102 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8218 bảng dữ liệu(HTML) 102 Page - ams AG |
|
102 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 102 of 123 Write Command (8 bits) 7 0 1 2 3 4 5 6 15 8 9 10 11 12 13 14 7 0 1 2 3 4 5 6 Start Address (16 bits) 15 8 9 10 11 12 13 14 7 0 1 2 3 4 5 6 Block Length (16 bits) Data 7 0 1 2 3 4 5 6 ... Acknowledge 7 0 1 2 3 4 5 6 (TXD) Notes: 1) When ‘enable_crc’ is set to 0 the UART1 only sends back the acknowledge word (FAh). 2) When ‘enable_crc’ is set to 1 a 16-bit checksum has to be transferred to the UART1 at the end of the data stream. The SCT will calculate the checksum and depending on the result it will send back the acknowledge word (FAh) or the not-acknowledge word (FBh). Flow Diagram of Operational Modes VDD[D|A] off VDD_BAT off VDD[D|A] off VDD_BAT on insert battery VDD[D|A] on VDD_BAT off: - no clock - chip stays reset power-up (Vmain on) VDD[D|A] on VDD_BAT on power-up (Vmains on) BOOTLOAD Power-on Reset MCU in idle mode, "loop program" running MCU: Program execution, Command mode active Finished. Program available Finished. No program Receiving SCT command Evaluating SCT command Write to EEPROM Read from EEPROM Reset chip Receiving SCT command BOOT LOAD 16 bit address 8 bit data in (...) 16 bit address Back to MCU Back to MCU Back to MCU f4h f3h f0h Program execution Command mode disable Command mode enable UART handling Interrupt from UART Read from XDATA address Write to XDATA address f6h f5h 16 bit address 8 bit data in (...) 16 bit address Back to MCU Back to MCU 16 bit blocklength 16 bit blocklength 8 bit data out (...) 8 bit data out (...) Read Prompt Set Baudrate 8 bit out: "A" 8 bit out: "L" 8 bit out: "I" 8 bit out: "V" 8 bit out: "E" Back to MCU SBaudH SBaudL Back to MCU f2h f1h 16 bit blocklength 16 bit blocklength ACK / NACK ACK / NACK |