| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1544-BTST bảng dữ liệu(PDF) 16 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1544-BTST bảng dữ liệu(HTML) 16 Page - ams AG |
|
16 / 29 page ![]() www.austriamicrosystems.com Revision 1.00 16 - 29 AS1543/44 Data Sheet - D e t a i l e d D e s c r i p t i o n Transfer Functions Output coding and transfer function depend on the control register bits RANGE (page 14), SE/FDN (page 14) and CODING (page 14). Figure 24. Straight Binary Transfer Function for Figure 25. Straight Binary Transfer Function for SE/FDN = 1 and CODING = 1 SE/FDN = 0 and CODING = 1 Figure 26. Two’s Complement Transfer Function for Figure 27. Two’s Complement Transfer Function for SE/FDN = 1 and CODING = 0 SE/FDN = 0 and CODING = 0 11...111 11...110 11....101 00...011 00...010 00...001 00...000 11...111 11...110 11....101 00...011 00...010 00...001 00...000 01 2 3 Input Voltage VINx (LSB) FS - 3/2LSB Full Scale = VREF Zero Scale = 0 1LSB = VREF/4096 ZS ZS+1LSB Input Voltage VINx - VINy (LSB) FS - 3/2LSB Full Scale (FS) Transition Full Scale = +VREF/2 Zero Scale = -VREF/2 1LSB = VREF/4096 RANGE = 1; VREF=VREFIN RANGE = 0; VREF=2xVREFIN Full Scale (FS) Transition RANGE = 1; VREF=VREFIN RANGE = 0; VREF=2xVREFIN 011....111 011...110 000...010 000...001 000...000 111...111 111...110 111...101 100...001 100...000 -FS ZS Input Voltage VINx (LSB) +FS - 1LSB 011....111 011...110 000...010 000...001 000...000 111...111 111...110 111...101 100...001 100...000 -FS ZS Input Voltage VINx - VINy (LSB) +FS - 1LSB RANGE = 1; VREF=VREFIN RANGE = 0; VREF=2xVREFIN Full Scale = VREF -Full Scale = 0 Zero Scale = VREF/2 1LSB = VREF/4096 RANGE = 1; VREF=VREFIN RANGE = 0; VREF=2xVREFIN Full Scale = +VREF/2 -Full Scale = -VREF/2 Zero Scale = 0 1LSB = VREF/4096 |