| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7920 bảng dữ liệu(PDF) 30 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7920 bảng dữ liệu(HTML) 30 Page - Sitronix Technology Co., Ltd. |
|
30 / 49 page ![]() ST7920 V4.0 30/49 2008/08/18 Testing Step: 1. Clear whole DDRAM area by writing data 0x00. 2. Composing TT1 and TT2 to make the ‘Reset’ action, and clear the internal counter. 3. Selecting the test mode by setting TT1 and TT2 (CGROM or HCGROM). 4. After setp1 and setp2, entering some impulse signals through Pin4 (CLK). 5. Reading the CHECK SUM data through D0 to D7. 6. Comparing CHECK SUM with the Code Table (upper table) to check if the data is correct or not. TT1 TT2 No. of counts Status 1 1 -- RESET 0 1 655362 CGROM 1 0 10242 HGROM Test process flow: |