| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7715 bảng dữ liệu(PDF) 17 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7715 bảng dữ liệu(HTML) 17 Page - Sitronix Technology Co., Ltd. |
|
17 / 167 page ![]() ST7715 V1.5 17 2009-12-04 DGNDO O -DGND voltage output level for monitoring. - VCC O -Power input pin for internal digital reference voltage. -In normal usage, connect it to VCCO. VCCO VCCO O -Monitoring pin of internal digital reference voltage. -Connect a capacitor for stabilization. Capacitor 6.5 Test pins Name I/O Description Connect pin TPI[2] TPI[1] I -These test pins for Driver vender test used. -Please connect these pins to DGND. DGND TPO[8] TPO[7] TPO[6] TPO[5] TPO[4] TPO[3] TPO[2] TPO[1] O -These test pins for Driver vender test used. -Please open these pins. Open Dummy - -These pins are dummy (have no function inside). -Can allow signal traces pass through these pads on TFT glass. Open DummyG - Vendor function Open |