| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7715 bảng dữ liệu(PDF) 59 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7715 bảng dữ liệu(HTML) 59 Page - Sitronix Technology Co., Ltd. |
|
59 / 167 page ![]() ST7715 V1.5 59 2009-12-04 9.11 Tearing Effect Output Line The Tearing Effect output line supplies to the MPU a Panel synchronization signal. This signal can be enabled or disabled by the Tearing Effect Line Off & On commands. The mode of the Tearing Effect signal is defined by the parameter of the Tearing Effect Line On command. The signal can be used by the MPU to synchronize Frame Memory Writing when displaying video images. 9.11.1 Tearing Effect Line Modes Mode 1, the Tearing Effect Output signal consists of V-Blanking Information only: tvdh= The LCD display is not updated from the Frame Memory tvdl= The LCD display is updated from the Frame Memory (except Invisible Line – see above) Mode 2, the Tearing Effect Output signal consists of V-Blanking and H-Blanking Information, there is one V-sync and 132 H-sync pulses per field. thdh= The LCD display is not updated from the Frame Memory thdl= The LCD display is updated from the Frame Memory (except Invisible Line – see above) Note: During Sleep In Mode, the Tearing Output Pin is active Low. |