| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7637 bảng dữ liệu(PDF) 23 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7637 bảng dữ liệu(HTML) 23 Page - Sitronix Technology Co., Ltd. |
|
23 / 210 page ![]() ST7637 Ver 1.6 23/210 2009/03 7.2.2. 8- and 9-bit Serial Interface The 8-bit serial interface uses four pins /CS, SI, SCL, and A0 to write in commands and data. Meanwhile, the 9-bit serial interface uses three pins /CS, SI and SCL for the same purpose. Data read is not available in the serial interface. Data must write to IC with 8 bits for each time. The relation between gray-scale data and data bus in the serial input is the same as that in the 8-bit parallel interface mode at every gradation. (1) 8-bit serial interface (4-line) When entering data (parameters): A0= HIGH at the rising edge of the 8 th SCL. When entering command: A0= LOW at the rising edge of the 8 th SCL When entering reading command: (2) 9-bit serial interface (3-line) |