| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7637 bảng dữ liệu(PDF) 22 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7637 bảng dữ liệu(HTML) 22 Page - Sitronix Technology Co., Ltd. |
|
22 / 210 page ![]() ST7637 Ver 1.6 22/210 2009/03 D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBXX 3rd-write There are 3 write operations for 1 pixel data. 1st pixel data is written in the display data RAM when 3rd–write operation finishes. “X” are ignored dummy bits. 2. 16 bit mode D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRXXGGGGGGXX 1st-write D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBXXXXXXXXXXXX 2nd-write There are 2 write operations for 1 pixel data. 1st pixel data is written in the display data RAM when 2nd –write operation finishes. “X” are ignored dummy bits. (5) Truncated 16M color input mode 1. 8-bit mode D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRRR 1st-write D7, D6, D5, D4, D3, D2, D1, D0: GGGGGGGG 2nd-write D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBBB 3rd-write There are 3 write operations for 1 pixel data. 1st pixel data is written in the display data RAM when 3rd–write operation finishes. “X” are ignored dummy bits. 2. 16 bit mode D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: RRRRRRRRGGGGGGGG 1st-write D15, D14, D13, D12, D11, D10, D9, D8, D7, D6, D5, D4, D3, D2, D1, D0: BBBBBBBBXXXXXXXX 2nd-write There are 2 write operations for 1 pixel data. 1st pixel data is written in the display data RAM when 2nd –write operation finishes. “X” are ignored dummy bits. NOTE: 7637 offer read DDRAM function only in 65K color mode. |