| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5634M bảng dữ liệu(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634M bảng dữ liệu(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 118 page ![]() DSPI_B_PCS[0] GPIO[105] DSPI_B Periph Chip Select GPIO PCR[105] 01 00 O I/O VDDEH6b Medium - / Up - / Up 94 111 G16 DSPI_B_PCS[1] GPIO[106] DSPI_B Periph Chip Select GPIO PCR[106] 01 00 O I/O VDDEH6b Medium - / Up - / Up 92 109 H16 DSPI_B_PCS[2] DSPI_C_SOUT GPIO[107] DSPI_B Periph Chip Select DSPI_C Data Output GPIO PCR[107] 01 10 00 O O I/O VDDEH6b Medium - / Up - / Up 90 107 H15 DSPI_B_PCS[3] DSPI_C_SIN GPIO[108] DSPI_B Periph Chip Select DSPI_C Data Input GPIO PCR[108] 01 10 00 O I I/O VDDEH6b Medium - / Up - / Up 97 114 G14 DSPI_B_PCS[4] DSPI_C_SCK GPIO[109] DSPI_B Periph Chip Select DSPI_C Clock GPIO PCR[109] 01 10 00 O I/O I/O VDDEH6b Medium - / Up - / Up 88 105 H14 DSPI_B_PCS[5] DSPI_C_PCS[0] GPIO[110] DSPI_B Periph Chip Select DSPI_C Periph Chip Select GPIO PCR[110] 01 10 00 O O I/O VDDEH6b Medium - / Up - / Up 87 104 J13 eQADC AN[0] DAN0+ Single Ended Analog Input Positive Terminal Diff. Input —— I I VDDA I / - AN[0] / - 143 172 B5 AN[1] DAN0- Single Ended Analog Input Negative Terminal Diff. Input —— I I VDDA I / - AN[1] / - 142 171 A6 AN[2] DAN1+ Single Ended Analog Input Positive Terminal Diff. Input —— I I VDDA I / - AN[2] / - 141 170 D6 AN[3] DAN1- Single Ended Analog Input Negative Terminal Diff. Input —— I I VDDA I / - AN[3] / - 140 169 C7 AN[4] DAN2+ Single Ended Analog Input Positive Terminal Diff. Input —— I I VDDA I / - AN[4] / - 139 168 B6 AN[5] DAN2- Single Ended Analog Input Negative Terminal Diff. Input —— I I VDDA I / - AN[5] / - 138 167 A7 AN[6] DAN3+ Single Ended Analog Input Positive Terminal Diff. Input —— I I VDDA I / - AN[6] / - 137 166 D7 Table 3. MPC563xM signal properties (continued) Name Function1 Pad Config. Register (PCR)2 PCR PA Field3 I/O Type Voltage4 / Pad Type Reset State5 Function / State After Reset6 Pin No. 144 LQFP 176 LQFP 208 MAPBGA Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages |