công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT95R25 bảng dữ liệu(PDF) 34 Page - Holtek Semiconductor Inc

tên linh kiện HT95R25
Giải thích chi tiết về linh kiện  Phone 8-bit MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R25 bảng dữ liệu(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT95R25 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 33Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 34Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 37Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
HT95R25
Rev. 1.00
34
March 6, 2009
Programmable Frequency Divider (PFD) Generator
- MUSIC
A Programmable Frequency Divider function, otherwise known as PFD, is integrated within the microcontroller, provid-
ing a means of accurate frequency generation. It is composed of two functional blocks: a prescaler and a general coun-
ter.
PFD Control Register
The overall PFD function is controlled using the PFDD register. The prescaler is controlled by the register bits, PRES0
and PRES1. The general counter is programmed by an 8-bit register PFDD. The clock source for the PFD can be se-
lected to be either the 3.58MHz/4 or the 32768Hz oscillator. To enable the PFD output, the PFDEN bit should be set to
1. When the PFD is disabled the PFDD register is inhibited to be written to. To modify the PFDD contents, the PFD must
be enabled. When the generator is disabled, the PFDD is cleared by hardware.
PFD Data Register
Bit No.
Label
R/W
Function
7~0
¾
RW
PFD data register
PFDD (2FH) Register
PFD_Output_Frequency=
Prescaler_Output
2x(N 1)
+
, where N = the value of the PFD Data
RTC Function
When RTC 1000ms time-out occurs, the hardware will set the interrupt request flag RTCF and the RTCTO flag to 1.
When the interrupt service routine is serviced, the interrupt request flag (RTCF) will be cleared to 0, but the flag RTCTO
remains in its original values. This bit (RTCTO) should be cleared only by software. However, next RTC interrupt will
still occur, even though the RTCTO flag is not cleared.
P r e s c a l e r
P r e s c a l e r
O u t p u t
P F D D
P R E S 1 , P R E S 0
3 2 7 6 8 H z
3 . 5 8 M H z / 4
P F D E N
P F D
O u t p u t
M U S I C
B u z z e r
P F D D
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
P F D O u t p u t E n a b l e
1 : e n a b l e
0 : d i s a b l e
P F D P r e s c a l e r S e l e c t
0 0 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 1
0 1 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 2
1 0 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 4
1 1 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 8
P F D F r e q u e n c y S o u r c e S e l e c t
1 : 3 . 5 8 M H z / 4
0 : 3 2 7 6 8 H z
F P F D
P R E S 1 P R E S 0 P F D E N
R T C C R e g i s t e r
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
R T C F u n c t i o n E n a b l e
1 : e n a b l e
0 : d i s a b l e
R T C T i m e - o u t F l a g
1 : R T C t i m e - o u t o c c u r s
0 : R T C t i m e - o u t d o e s n o t o c c u r
R T C E N
N o t i m p l e m e n t e d , r e a d a s " 0 "
R T C T O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com