công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT95R25 bảng dữ liệu(PDF) 28 Page - Holtek Semiconductor Inc

tên linh kiện HT95R25
Giải thích chi tiết về linh kiện  Phone 8-bit MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R25 bảng dữ liệu(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT95R25 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R25 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
HT95R25
Rev. 1.00
28
March 6, 2009
Register
Reset (Power-on)
RES Reset
(Normal/Green)
RES Reset
(Sleep/Idle)
WDT Time-out
(Normal/Green)
WDT Time-out
(Sleep/Idle)
MODE
000
- ----
00u
- ----
00u
- ----
00u
- ----
00u
- ----
MFIC
- 000 - 000
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
PFDC
0000
----
0000
----
0000
----
0000
----
uuuu
----
PFDD
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented
HALT
Instruction
MODE1
MODE0
UPEN
Operation
Mode
32768Hz
3.58MHz
System
Clock
Not executed
1
X
1
Normal
ON
ON
3.58MHz
Not executed
0
X
0
Green
ON
OFF
32768Hz
Executed
0
0
0
Sleep
ON
OFF
Stopped
Executed
0
1
0
Idle
OFF
OFF
Stopped
Note:
²X² means don¢t care
MODE0 will be cleared to 0 automatically after wake-up from Idle Mode.
Oscillator
There are two oscillator circuits within the controller.
One is for the system clock which uses an externally
connected 32768Hz crystal. The other is an internal
watchdog oscillator.
System Crystal/Ceramic Oscillator
The system clock is generated using an external
32768Hz crystal or ceramic resonator connected be-
tween pins X1 and X2. From this clock source an inter-
nal circuit generates a 3.58MHz clock source which is
also required by the system. This frequency generator
circuit requires the addition of externally connected RC
components to pin XC to form a low pass filter for the
3.58MHz output frequency stabilisation.
Watchdog Timer Oscillator
The WDT oscillator is a fully integrated free running RC
oscillator with a typical period of 65
ms at 5V, requiring no
external components. It is selected via configuration op-
tion. If selected, when the device enters the Power
Down Mode, the system clock will stop running, how-
ever the WDT oscillator will continue to run and keep the
watchdog function active. However, as the WDT will
consume a certain amount of power when in the Power
Down Mode, for low power applications, it may be desir-
able to disable the WDT oscillator by configuration op-
tion.
Operation Mode, Power-down and
Wake-up
There are four operational modes, known as the idle
mode, sleep mode, green mode, and normal mode. The
chosen mode is selected using the MODE0, MODE1
and UPEN bits in the PFDC register but also depends
upon whether the HALT instruction has been executed
or not.
Idle Mode
When the device enters this mode, the normal operating
current, will be reduced to an extremely low standby cur-
rent level. This occurs because when the device enters
the Power Down Mode, both the 3.58MHz and 32768Hz
system oscillators are stopped which reduces the power
consumption to extremely low levels, however, as the
device maintains its present internal condition, it can be
woken up at a later stage and continue running, without
requiring a full reset. This feature is extremely important
in application areas where the microcontroller must
have its power supply constantly maintained to keep the
device in a known condition but where the power supply
capacity is limited such as in battery applications.
X 1
X 2
X C
1 5 k W
3 n F
4 7 n F
Crystal/Ceramic Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com