| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STI7108 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI7108 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() Introduction STi7108 4/12 Doc ID 16790 Rev 1 Video decoding, transcoding and post processing ● Latest generation “Delta” Video Decoder with ST231 programmable CPU core: – MPEG2, H264, VC-1/WMV9, HD or SD Advanced Video Decoding – Provides flexibility to support other codecs for example MPEG4 Pt2, DivX SD/720p, XviD, H263 encode/decode, Real, Flash (Sorenson, ON2/VP6), AVS-SD/HD, MJPEG, Theora – Single HD decoding up to H264 HP@L4.2 (1080p50, 1080p60), Dual HD decoding (MPEG2 MP@HL or H264 HP@L4.1), HD + SD decoding or Dual SD Decoding, PIP and Mosaic capable ● Real-time transcoding of MPEG2 SD to H264 SD/CIF/QCIF ● Advanced de-blocking, de-ringing/mosquito noise reduction of decoded MPEG2 sources, based on ST’s Digital Source Enhancer (DSE) Technology with 2D Analysis window and Texture Adaptive Filter High quality video reformatting ● Main display pipeline (HQVDP) comprising DEI, HQR, IQI: – DEI - motion and detail adaptive spatial and temporal de-interlacing including 1080i60 >1080p60 deinterlacing. Film mode detection (FMD) supported – HQR - high quality reformatting/resizing engine using 8-tap spline-based interpolation filters. Advanced features include built-in global sharpness, overshoot and edge adaptive controls – IQI - image quality improvement capabilities including contrast enhancement, luma transient improvement, chroma transient improvement and peaking ● Aux video display pipeline (VDP): – High quality H and V reformatting/resizing with sample rate conversion/filtering – Motion and detail adaptive spatial and temporal de-interlacing. Film mode detection (FMD) supported |