| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STI7108 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI7108 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 12 page ![]() STi7108 Target applications Doc ID 16790 Rev 1 9/12 2.2 Cable applications Figure 3. Cable DVR with DLNA server Figure 4. Cable DVR with DLNA server Up to three DVB-C streams in HDMI & SCART Up to two decode for PIP (or up to eight QCIF decode mosaic) Up to four streams + one download In: • 1 timeshift • 2 from DVB-C • 1 from IP • +1 download from a DMS (DLNA) Up to four streams Out: • 1 timeshift • 1 media file playback • 2 streams pulled out by DMP over IP Inputs: • Up to 2 IP streams from VOD or 1 DLNA streaming from a DMS • +1 download from a DMS Outputs: • Up to two IP streams pulled out by DMP VOD DLNA content sharing Coax Ethernet Coax Cable Network DLNA 1.5 DMP/DMS DLNA 1.5 DMP DLNA 1.5 DMP SATA DLNA 1.5 DMP/DNS RF splitter STV0297+ tuner STV0297+ tuner STV0297+ tuner Cable I²C TSIN0 TSIN1 TSIN3 IR i/f IR Rx Ethernet PHY GMII / TMII / MIII 2 × 1Gbit × 16 DDR2/3 256 MB 32/16 533 MHz 2 × 2Gbit × 16 DDR2/3 512 MB 32 LMI STi7108 LMI Dual USB 2.0 Flash NOR/NAND EMI / PCI SATA ST8024 Smartcard socket i/f Front panel keys + LEDs S/C i/f LED Key scan / PIO S/PDIF STV6417 SCART switch DENC / SD DACs HD/SD DACs HDMI / HDCP DDC (I²C) + CEC TV S-Video TV CVBS VCR TV RGB Audio MPEG audio / Dolby® Digital HDMI |