| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega64A bảng dữ liệu(PDF) 375 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega64A bảng dữ liệu(HTML) 375 Page - ATMEL Corporation |
|
375 / 392 page ![]() 375 8160C–AVR–07/09 ATmega64A Notes: 1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will operate on all bits in the I/O Register, writing a one back into any flag read as set, thus clearing the flag. The CBI and SBI instructions work with registers 0x00 to 0x1F only. 0x00 (0x20) PINF PINF7 PINF6 PINF5 PINF4 PINF3 PINF2 PINF1 PINF0 91 30. Register Summary (Continued) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Page |