| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega644PA bảng dữ liệu(PDF) 82 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega644PA bảng dữ liệu(HTML) 82 Page - ATMEL Corporation |
|
82 / 468 page ![]() 82 8152G–AVR–11/09 ATmega164PA/324PA/644PA/1284P 13.3.1 Alternate Functions of Port A The Port A pins with alternate functions are shown in Table 13-3. • ADC7:0/PCINT7:0 – Port A, Bit 7:0 ADC7:0, Analog to Digital Converter, Channels 7:0. PCINT7:0, Pin Change Interrupt source 7:0: The PA7:0 pins can serve as external interrupt sources. Table 13-3. Port A Pins Alternate Functions Port Pin Alternate Function PA7 ADC7 (ADC input channel 7) PCINT7 (Pin Change Interrupt 7) PA6 ADC6 (ADC input channel 6) PCINT6 (Pin Change Interrupt 6) PA5 ADC5 (ADC input channel 5) PCINT5 (Pin Change Interrupt 5) PA4 ADC4 (ADC input channel 4) PCINT4 (Pin Change Interrupt 4) PA3 ADC3 (ADC input channel 3) PCINT3 (Pin Change Interrupt 3) PA2 ADC2 (ADC input channel 2) PCINT2 (Pin Change Interrupt 2) PA1 ADC1 (ADC input channel 1) PCINT1 (Pin Change Interrupt 1) PA0 ADC0 (ADC input channel 0) PCINT0 (Pin Change Interrupt 0) |