| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega644PA bảng dữ liệu(PDF) 73 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega644PA bảng dữ liệu(HTML) 73 Page - ATMEL Corporation |
|
73 / 468 page ![]() 73 8152G–AVR–11/09 ATmega164PA/324PA/644PA/1284P 12.2.9 PCMSK0 – Pin Change Mask Register 0 • Bit 7:0 – PCINT7:0: Pin Change Enable Mask 7..0 Each PCINT7:0 bit selects whether pin change interrupt is enabled on the corresponding I/O pin. If PCINT7:0 is set and the PCIE0 bit in PCICR is set, pin change interrupt is enabled on the cor- responding I/O pin. If PCINT7..0 is cleared, pin change interrupt on the corresponding I/O pin is disabled. Bit 7 65 43 21 0 (0x6B) PCINT7 PCINT6 PCINT5 PCINT4 PCINT3 PCINT2 PCINT1 PCINT0 PCMSK0 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W Initial Value 0 0 0 0 0 0 0 0 |