công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATxmega256A3 bảng dữ liệu(PDF) 21 Page - ATMEL Corporation

tên linh kiện ATxmega256A3
Giải thích chi tiết về linh kiện  8/16-bit XMEGA A3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega256A3 bảng dữ liệu(HTML) 21 Page - ATMEL Corporation

Back Button ATxmega256A3 Datasheet HTML 17Page - ATMEL Corporation ATxmega256A3 Datasheet HTML 18Page - ATMEL Corporation ATxmega256A3 Datasheet HTML 19Page - ATMEL Corporation ATxmega256A3 Datasheet HTML 20Page - ATMEL Corporation ATxmega256A3 Datasheet HTML 21Page - ATMEL Corporation ATxmega256A3 Datasheet HTML 22Page - ATMEL Corporation ATxmega256A3 Datasheet HTML 23Page - ATMEL Corporation ATxmega256A3 Datasheet HTML 24Page - ATMEL Corporation ATxmega256A3 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
21
8068O–AVR–11/09
XMEGA A3
11. Power Management and Sleep Modes
11.1
Features
• 5 sleep modes
–Idle
– Power-down
–Power-save
–Standby
– Extended standby
• Power Reduction registers to disable clocks to unused peripherals
11.2
Overview
The XMEGA A3 provides various sleep modes tailored to reduce power consumption to a mini-
mum. All sleep modes are available and can be entered from Active mode. In Active mode the
CPU is executing application code. The application code decides when and which sleep mode to
enter. Interrupts from enabled peripherals and all enabled reset sources can restore the micro-
controller from sleep to Active mode.
In addition, Power Reduction registers provide a method to stop the clock to individual peripher-
als from software. When this is done, the current state of the peripheral is frozen and there is no
power consumption from that peripheral. This reduces the power consumption in Active mode
and Idle sleep mode.
11.3
Sleep Modes
11.3.1
Idle Mode
In Idle mode the CPU and Non-Volatile Memory are stopped, but all peripherals including the
Interrupt Controller, Event System and DMA Controller are kept running. Interrupt requests from
all enabled interrupts will wake the device.
11.3.2
Power-down Mode
In Power-down mode all system clock sources, and the asynchronous Real Time Counter (RTC)
clock source, are stopped. This allows operation of asynchronous modules only. The only inter-
rupts that can wake up the MCU are the Two Wire Interface address match interrupts, and
asynchronous port interrupts, e.g pin change.
11.3.3
Power-save Mode
Power-save mode is identical to Power-down, with one exception: If the RTC is enabled, it will
keep running during sleep and the device can also wake up from RTC interrupts.
11.3.4
Standby Mode
Standby mode is identical to Power-down with the exception that all enabled system clock
sources are kept running, while the CPU, Peripheral and RTC clocks are stopped. This reduces
the wake-up time when external crystals or resonators are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com