công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F64573LFD bảng dữ liệu(PDF) 95 Page - Renesas Technology Corp

tên linh kiện R5F64573LFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD bảng dữ liệu(HTML) 95 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 91Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 92Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 93Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 94Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 95Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 96Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 97Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 98Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 132 page
background image
REJ03B0234-0102 Rev.1.02 Nov 30, 2009
Page 95 of 129
R32C/157 Group
5. Electrical Characteristics
Notes:
1.
The device is operationally guaranteed under these operating conditions.
2.
The following conditions should be satisfied:
• The sum of IOL(peak) of ports P0, P1, P2, P8_6, P8_7, P9, P10, P11, P14, and P15 is 80 mA or less.
• The sum of IOL(peak) of ports P3, P4, P5, P6, P7, P8_0 to P8_4, P12, and P13 is 80 mA or less.
• The sum of IOH(peak) of ports P0, P1, P2, and P11 is -40 mA or less.
• The sum of IOH(peak) of ports P8_6, P8_7, P9, P10, P14, and P15 is -40 mA or less.
• The sum of IOH(peak) of ports P3, P4, P5, P12, and P13 is -40 mA or less.
• The sum of IOH(peak) of ports P6, P7, and P8_0 to P8_4 is -40 mA or less.
3.
Average value within 100 ms.
Table 5.4
Operating Conditions (3/6)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
IOH(peak) High level
peak
output
current (2)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7
-10.0
mA
IOH(avg) High level
average
output
current (3)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7
-5.0
mA
IOL(peak) Low level
peak
output
current (2)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7
10.0
mA
IOL(avg) Low level
average
output
current (3)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7
5.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com