| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F6411FDFP bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6411FDFP bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 105 page ![]() REJ03B0227-0110 Rev.1.10 Sep 17, 2009 Page 2 of 99 R32C/111 Group 1. Overview 1.1.2 Performance Overview Table 1.1 to Table 1.6 show the performance overview of the R32C/111 Group. Note: 1. Please contact a Renesas sales office to use the optional feature. Table 1.1 R32C/111 Group Performance for the 100-pin Package (1/2) Unit Function Performance CPU Central processing unit R32C/100 Series CPU Core • Basic instructions: 108 • Minimum instruction execution time: 20 ns (f(CPU) = 50 MHz) • Multiplier: 32-bit × 32-bit 64-bit • Multiply-accumulate unit: 32-bit × 32-bit + 64-bit 64-bit • IEEE-754 floating point standard: Single precision • 32-bit barrel shifter • Operating mode: Single-chip mode, memory expansion mode, microprocessor mode (optional (1)) Memory Flash memory: 256 to 512 Kbytes RAM: 32 to 63 Kbytes Data flash: 4 Kbytes × 2 blocks Refer to Table 1.7 for memory size of each product group Voltage Detector Low voltage detector Optional (1) Low voltage detection interrupt Clock Clock generator • 4 circuits (main clock, sub clock, PLL, on-chip oscillator) • Oscillation stop detector: Main clock oscillator stop/re-oscillation detection • Frequency divide circuit: Divide-by-2 to divide-by-24 selectable • Low power modes: Wait mode, stop mode External Bus Expansion Bus and memory expansion • Address space: 4 Gbytes (of which up to 64 Mbytes is user accessible) • External bus Interface: Support for wait-state insertion, 4 chip select outputs, 3V/5V interface • Bus format: Separate bus/Multiplexed bus selectable, data bus width selectable (8/16 bits) Interrupts Interrupt vectors: 261 External interrupt inputs: NMI, INT × 6, key input × 4 Interrupt priority levels: 7 levels Watchdog Timer 15 bits × 1 (selectable input frequency from prescaler output) DMA DMAC 4 channels • Cycle-steal transfer mode • Request sources: 51 • 2 transfer modes: Single transfer, repeat transfer DMAC II • Can be activated by any peripheral interrupt source • 3 transfer functions: Immediate data transfer, calculation transfer, chained transfer I/O Ports Programmable I/O ports • 2 input-only ports • 82 CMOS inputs/outputs • 2 N-channel open drain ports • A pull-up resistor is selectable for every 4 input ports |