công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893 bảng dữ liệu(PDF) 12 Page - Integrated Circuit Systems

tên linh kiện ICS1893
Giải thích chi tiết về linh kiện  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 bảng dữ liệu(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 8Page - Integrated Circuit Systems ICS1893 Datasheet HTML 9Page - Integrated Circuit Systems ICS1893 Datasheet HTML 10Page - Integrated Circuit Systems ICS1893 Datasheet HTML 11Page - Integrated Circuit Systems ICS1893 Datasheet HTML 12Page - Integrated Circuit Systems ICS1893 Datasheet HTML 13Page - Integrated Circuit Systems ICS1893 Datasheet HTML 14Page - Integrated Circuit Systems ICS1893 Datasheet HTML 15Page - Integrated Circuit Systems ICS1893 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
12
Chapter 1
Abbreviations and Acronyms
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
OUI
Organizationally Unique Identifier
PCS
Physical Coding sublayer
PHY
physical-layer device
The ICS1893 is a physical-layer device, also referred to as a ‘PHY’or ‘PHYceiver’. (The
ICS1890 is also a physical-layer device.)
PLL
phase-locked loop
PMA
Physical Medium Attachment
PMD
Physical Medium Dependent
ppm
parts per million
QFP
quad flat pack
RO
read only
R/W
read/write
R/W0
read/write zero
SC
self-clearing
SF
Special Functions
SFD
Start-of-Frame Delimiter
SI
Stream Interface, Serial Interface, or Symbol Interface.
With reference to the MII/SI pin, the acronym ‘SI’has multiple meanings.
• Generically, SI means 'Stream Interface', and is documented as such in this data
sheet.
• However, when the MAC/Repeater Interface is configured for:
– 10M operations, SI is an acronym for 'Serial Interface'.
– 100M operations, SI is an acronym for 'Symbol Interface'.
SQE
Signal Quality Error
SSD
Start-of-Stream Delimiter
STA
Station Management Entity
STP
shielded twisted pair
TAF
Technology Ability Field
TP-PMD
Twisted-Pair Physical Layer Medium Dependent
Typ.
typical
UTP
unshielded twisted pair
Table 1-1.
Abbreviations and Acronyms (Continued)
Abbreviation /
Acronym
Interpretation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More