| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega165 bảng dữ liệu(PDF) 84 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega165 bảng dữ liệu(HTML) 84 Page - ATMEL Corporation |
|
84 / 336 page ![]() 84 ATmega165/V 2573G–AVR–07/09 • The timer starts counting from a value higher than the one in OCR0A, and for that reason misses the Compare Match and hence the OCn change that would have happened on the way up. Timer/Counter Timing Diagrams The Timer/Counter is a synchronous design and the timer clock (clk T0) is therefore shown as a clock enable signal in the following figures. The figures include information on when Interrupt Flags are set. Figure 34 contains timing data for basic Timer/Counter operation. The figure shows the count sequence close to the MAX value in all modes other than phase correct PWM mode. Figure 34. Timer/Counter Timing Diagram, no Prescaling Figure 35 shows the same timing data, but with the prescaler enabled. Figure 35. Timer/Counter Timing Diagram, with Prescaler (f clk_I/O/8) Figure 36 shows the setting of OCF0A in all modes except CTC mode. Figure 36. Timer/Counter Timing Diagram, Setting of OCF0A, with Prescaler (f clk_I/O/8) clk Tn (clk I/O/1) TOVn clk I/O TCNTn MAX - 1 MAX BOTTOM BOTTOM + 1 TOVn TCNTn MAX - 1 MAX BOTTOM BOTTOM + 1 clk I/O clk Tn (clk I/O/8) OCFnx OCRnx TCNTn OCRnx Value OCRnx - 1 OCRnx OCRnx + 1 OCRnx + 2 clk I/O clk Tn (clk I/O/8) |